Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download AXN424530S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t for board-to-board p8 series narrow pitch connectors (0.8mm pitch) features 1. the product lineup includes low pro?e heights of 3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 7.0 mm, 8.0 mm, 11.5 mm, and 13.0 mm 14.0 mm. 2. for the 11.5 mm version, both socket and header have the same shape. simpli?s management of stock and delivery. 3. ideal for portable devices, the bellows-type contacts provide a strong resistance against falling, impacts, and forced insertions and removals. 4. porosity treatment for improved resistance against corrosion. 5. simple lock mechanism lock mechanism ensures proper contact and provides resistance against vibrations and shocks. 3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 7.0 mm, 8.0 mm, 13.0 mm, and 14.0 mm. the simple lock mechanism is not featured on the 11.5 mm version. however, proper contact and resistance against vibrations and shocks are both ensured by the long mating length. 6. automatic mounting (excluding 11.5 mm version) 1) automatic mounting machine is av ailable with an exclusive mounting nozzle. using the following types of suction nozzles make the connectors compatible with automatic mounting without the need for suction tape. suction tape and covers are also av ailable for compatibility with other types of mounting machines. 2) positioning bosses (without bosses also available) applications digital devices, such as desktop pc, laptop and digital video cameras socket header 5.88mm 6.83mm rohs compliant ab ab ba ab when mated bellows-type contacts round corner makes contact. ex.: stacking height of 3.0 mm bellows-type contacts resist mating stress and offer high contact reliability. the bellows type contacts are fabricated by bending thin sheet metal. they offer a reliable contact since a rounded corner, instead of a sharp edge, is used for tuning fork type contact. simple locking mechanism suction tape (socket) bosses for positioning on the pc board (those without bosses are also available). suitable for both manual and automatic mounting.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t ordering information 1. p8 (11.5 mm) 2. p8 (3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 7.0 mm, 8.0 mm, 13.0 mm, 14.0 mm) axn 1 0115 terminal shape/mated direction/mated height 0: for smd vertical mating, mated height 11.5 mm surface treatment (contact portion / terminal portion) 1: ni plating on base, au plating on surface / ni plating on base, au plating on surface other specifications 5: part control number number of pins (2 digits) packing p: embossed tape and paper reel 2 s: tube package 1: narrow pitch connector p8 (0.8 mm pitch) socket and header are common suction cover nil: without suction tape c: with suction tape functions 1: with soldering terminals, with positioning bosses axn mated height 0: for mated height 3.0 mm, 4.0 mm and 5.0 mm 1: for mated height 6.0 mm, 7.0 mm, 8.0 mm, 13.0 mm and 14.0 mm 2: for mated height 3.5 mm, 4.5 mm and 5.5 mm
0: for mated height 13.0 mm 1: for mated height 14.0 mm 3: for mated height 3.0 mm, 3.5 mm and 6.0 mm 4: for mated height 4.0 mm, 4.5 mm and 7.0 mm 5: for mated height 5.0 mm, 5.5 mm and 8.0 mm surface treatment (contact portion / terminal portion) 0: ni plating on base, au plating on surface / ni plating on base, au plating on surface (applies to mated heights of 6.0 to 14.0 mm.) 8: ni plating on base, au plating on surface / ni plating on base, au plating on surface (applies to mated heights of 3.0 to 5.5 mm.)
0: ni plating on base, au plating on surface / ni plating on base, au plating on surface packing j: 1,500 pieces embossed tape and paper reel 2 p: 1,000 pieces embossed tape and paper reel 2 s: tube package number of pins (2 digits) 3: narrow pitch connector p8 (0.8 mm pitch) socket 4: narrow pitch connector p8 (0.8 mm pitch) header suction tape and cover nil: socket; without suction tape, header; without suction cover c: socket; with suction tape, header; with suction cover functions 3: with positioning bosses (except for mated height 13.0 mm header, embossed tape packing) 4: without positioning bosses (mated height 13.0 mm header, embossed tape packing and mated height 14.0 mm header only) notes: 1. the tape width for 100-pin embossed tape packaging is non-jis standard. please inquire. 2. the depth of the embossed tape for headers with 13 mm and 14 mm mated heights is non-jis standard. please test with your mounter before using. 3. models possible for ??packaging are as follows: socket mated heights: 3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, and 5.5 mm headers: mated heights 3.0 mm, 3.5 mm, and 6.0 mm
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t product types mated height no. of pins stick package embossed tape package part no. pac king quantity part no. pac king quantity so cket header stick outer carton so cket header inner carton (1 reel) outer carton 3.0 mm 16 axn316038s axn416330s 50 pcs. 300 pcs. axn316038* axn416330* note 1) ?sterisk mark on end of part no.; j: 1,500 pieces (recommendation) p: 1,000 pieces note 1) ?sterisk mark on end of part no.; j: 3,000 pieces (recommendation) p: 2,000 pieces 20 axn320038s axn420330s 50 pcs. 300 pcs. axn320038* axn420330* 24 axn324038s axn424330s 30 pcs. 300 pcs. axn324038* axn424330* 26 axn326038s axn426330s 30 pcs. 300 pcs. axn326038* axn426330* 30 axn330038s axn430330s 30 pcs. 300 pcs. axn330038* axn430330* 40 axn340038s axn440330s 25 pcs. 300 pcs. axn340038* axn440330* 50 axn350038s axn450330s 20 pcs. 300 pcs. axn350038* axn450330* 60 axn360038s axn460330s 15 pcs. 300 pcs. axn360038* axn460330* 80 axn380038s axn480330s 12 pcs. 300 pcs. axn380038* axn480330* 100 axn300038s axn400330s 12 pcs. 300 pcs. 3.5 mm 16 axn316238s axn416330s 50 pcs. 300 pcs. axn316238* axn416330* 24 axn324238s axn424330s 30 pcs. 300 pcs. axn324238* axn424330* 26 axn326238s axn426330s 30 pcs. 300 pcs. axn326238* axn426330* 30 axn330238s axn430330s 30 pcs. 300 pcs. axn330238* axn430330* 60 axn360238s axn460330s 15 pcs. 300 pcs. axn360238* axn460330* 4.0 mm 16 axn316038s axn416430s 50 pcs. 300 pcs. axn316038* axn416430p 20 axn320038s axn420430s 50 pcs. 300 pcs. axn320038* axn420430p 26 axn326038s axn426430s 30 pcs. 300 pcs. axn326038* axn426430p 30 axn330038s axn430430s 30 pcs. 300 pcs. axn330038* axn430430p 40 axn340038s axn440430s 25 pcs. 300 pcs. axn340038* axn440430p 50 axn350038s axn450430s 20 pcs. 300 pcs. axn350038* axn450430p 60 axn360038s axn460430s 15 pcs. 300 pcs. axn360038* axn460430p 80 axn380038s axn480430s 12 pcs. 300 pcs. axn380038* axn480430p 100 axn300038s axn400430s 12 pcs. 300 pcs. 4.5 mm 16 axn316238s axn416430s 50 pcs. 300 pcs. axn316238* axn416430p 26 axn326238s axn426430s 30 pcs. 300 pcs. axn326238* axn426430p 30 axn330238s axn430430s 30 pcs. 300 pcs. axn330238* axn430430p 60 axn360238s axn460430s 15 pcs. 300 pcs. axn360238* axn460430p 5.0 mm 12 axn312038s axn412530s 50 pcs. 300 pcs. axn312038* axn412530p 14 axn314038s axn414530s 50 pcs. 300 pcs. axn314038* axn414530p 20 axn320038s axn420530s 50 pcs. 300 pcs. axn320038* axn420530p 24 axn324038s AXN424530S 30 pcs. 300 pcs. axn324038* axn424530p 26 axn326038s axn426530s 30 pcs. 300 pcs. axn326038* axn426530p 30 axn330038s axn430530s 30 pcs. 300 pcs. axn330038* axn430530p 40 axn340038s axn440530s 25 pcs. 300 pcs. axn340038* axn440530p 50 axn350038s axn450530s 20 pcs. 300 pcs. axn350038* axn450530p 60 axn360038s axn460530s 15 pcs. 300 pcs. axn360038* axn460530p 80 axn380038s axn480530s 12 pcs. 300 pcs. axn380038* axn480530p 100 axn300038s axn400530s 12 pcs. 300 pcs. 5.5 mm 12 axn312238s axn412530s 50 pcs. 300 pcs. axn312238* axn412530p 24 axn324238s AXN424530S 30 pcs. 300 pcs. axn324238* axn424530p 26 axn326238s axn426530s 30 pcs. 300 pcs. axn326238* axn426530p 30 axn330238s axn430530s 30 pcs. 300 pcs. axn330238* axn430530p 60 axn360238s axn460530s 15 pcs. 300 pcs. axn360238* axn460530p 6.0 mm 20 axn320130s axn420330s 50 pcs. 300 pcs. axn320130p axn420330* 24 axn324130s axn424330s 30 pcs. 300 pcs. axn324130p axn424330* 26 axn326130s axn426330s 30 pcs. 300 pcs. axn326130p axn426330* 30 axn330130s axn430330s 30 pcs. 300 pcs. axn330130p axn430330* 40 axn340130s axn440330s 25 pcs. 300 pcs. axn340130p axn440330* 50 axn350130s axn450330s 20 pcs. 300 pcs. axn350130p axn450330* 60 axn360130s axn460330s 15 pcs. 300 pcs. axn360130p axn460330* 64 axn364130s axn464330s 15 pcs. 300 pcs. axn364130p axn464330* 80 axn380130s axn480330s 12 pcs. 300 pcs. axn380130p axn480330* 100 axn300130s axn400330s 12 pcs. 300 pcs. 7.0 mm 20 axn320130s axn420430s 50 pcs. 300 pcs. axn320130p axn420430p 22 axn322130s axn422430s 30 pcs. 300 pcs. axn322130p axn422430p 26 axn326130s axn426430s 30 pcs. 300 pcs. axn326130p axn426430p 30 axn330130s axn430430s 30 pcs. 300 pcs. axn330130p axn430430p 40 axn340130s axn440430s 25 pcs. 300 pcs. axn340130p axn440430p 50 axn350130s axn450430s 20 pcs. 300 pcs. axn350130p axn450430p 60 axn360130s axn460430s 15 pcs. 300 pcs. axn360130p axn460430p 80 axn380130s axn480430s 12 pcs. 300 pcs. axn380130p axn480430p 100 axn300130s axn400430s 12 pcs. 300 pcs.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t notes: 1. please add following suf? at * marked positions. j: inner carton (1 reel) 1,500 pcs. (outer carton: 3,000 pcs.) p: inner carton (1 reel) 1,000 pcs. (outer carton: 2,000 pcs.) in order to reduce the amount of packaging materials used to help protect the global environment, it is recommended that each packaging box contains 1,500 units with the ? product number suf?. as for the part no. p is suf?ed, only 1,000 pcs. reel is available. 2. regarding ordering units: during production: please make orders in 1-reel units. samples for mounting con?mation: available in units of 50 pieces. please contact our sales of?e. samples: small lot orders are possible. change the suf? ? to the suf? ?. 3. connectors with suction tape and suction cover are also available. socket: suction tape, header: suction cover. for this type of connector, insert the letter ? between the 6th and 7th column of the ordering number. example: for a 20 pin contact socket with 3mm mated height (embossed tape package): axn320c 038p 4. the standard type comes with positioning bosses. connectors without positioning bosses are available for on-demand production (3,000 pcs./lot or more). please inquire. 5. since the embossed tape width of 100 pin contact connectors packaged with embossed tape exceeds the jis standard, please consult us. 6. headers that have 13.0 mm mated height and embossed tape packaging do not come with positioning bosses. the depth of the embossed tape for headers with 13.0 mm and 14.0 mm mated heights is non-jis compliant. please test with your mounter before using. mated height no. of pins stick package embossed tape package part no. pac king quantity part no. pac king quantity so cket header stick outer carton so cket header inner carton (1 reel) outer carton 8.0 mm 20 axn320130s axn420530s 50 pcs. 300 pcs. axn320130p axn420530p 1,000 pcs. 2,000 pcs. 22 axn322130s axn422530s 30 pcs. 300 pcs. axn322130p axn422530p 24 axn324130s AXN424530S 30 pcs. 300 pcs. axn324130p axn424530p 26 axn326130s axn426530s 30 pcs. 300 pcs. axn326130p axn426530p 30 axn330130s axn430530s 30 pcs. 300 pcs. axn330130p axn430530p 34 axn334130s axn434530s 30 pcs. 300 pcs. axn334130p axn434530p 40 axn340130s axn440530s 25 pcs. 300 pcs. axn340130p axn440530p 50 axn350130s axn450530s 20 pcs. 300 pcs. axn350130p axn450530p 60 axn360130s axn460530s 15 pcs. 300 pcs. axn360130p axn460530p 80 axn380130s axn480530s 12 pcs. 300 pcs. axn380130p axn480530p 100 axn300130s axn400530s 12 pcs. 300 pcs. 11.5 mm 30 axn1300115s (socket, header) 30 pcs. 300 pcs. axn1300115p (socket, header) 350 pcs. 700 pcs. 40 axn1400115s (socket, header) 25 pcs. 300 pcs. axn1400115p (socket, header) 350 pcs. 700 pcs. 50 axn1500115s (socket, header) 20 pcs. 300 pcs. axn1500115p (socket, header) 350 pcs. 700 pcs. 80 axn1800115s (socket, header) 12 pcs. 300 pcs. axn1800115p (socket, header) 250 pcs. 500 pcs. 100 axn1000115s (socket, header) 12 pcs. 300 pcs. 13.0 mm 20 axn320130s axn420030s 50 pcs. 300 pcs. axn320130p axn420040p note 6) socket: 1,000 pcs. header: 500 pcs. socket: 2,000 pcs. header: 1,000 pcs. 30 axn330130s axn430030s 30 pcs. 300 pcs. axn330130p axn430040p note 6) 40 axn340130s axn440030s 25 pcs. 300 pcs. axn340130p axn440040p note 6) 50 axn350130s axn450030s 20 pcs. 300 pcs. axn350130p axn450040p note 6) 60 axn360130s axn460030s 15 pcs. 300 pcs. axn360130p axn460040p note 6) 80 axn380130s axn480030s 12 pcs. 300 pcs. axn380130p axn480040p note 6) 14.0 mm 20 axn320130s axn420130s 50 pcs. 300 pcs. axn320130p axn420130p socket: 1,000 pcs. header: 400 pcs. socket: 2,000 pcs. header: 800 pcs.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t specifications 1. characteristics 2. material and surface treatment item speci?ations conditions 3mm, 3.5mm, 4mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm type 11.5mm type electrical characteristics rated current 0.5a rated voltage 60v ac/dc breakdown voltage 250v ac for 1 minute detection current: 1ma insulation resistance min. 1,000m ? using 500v dc megger contact resistance max. 60m ? max. 50m ? based on the contact resistance measurement method speci?d by jis c 5402. mechanical characteristics composite insertion force max. 43.1n (30 pin contacts) max. 0.785n no. of pins (initial) composite removal force min. 6.37n (30 pin contacts) min. 0.127n no. of pins contact holding force 40 pin contacts or less: min. 1.96n 50 pin contacts or more: min. 0.981n min. 1.96n measuring the maximum force. as the contact is axially pull out. environmental characteristics ambient temperature ?5 c to +85 c no freezing at low temperatures soldering heat resistance max. peak temperature of 245 c (on the surface of the pc board around the connector terminals) infrared re?w soldering 300c within 5 seconds soldering iron storage temperature ?5 c to +85 c (product only) ?0 c to +50 c (standard packing) no freezing at low temperatures. no dew condensation. thermal shock resistance (header and socket mated) 5 cycles, insulation resistance min. 100m ?, contact resistance max. 60m ? 5 cycles, insulation resistance min. 100m ?, contact resistance max. 50m ? conformed to mil-std-202f, method 107g humidity resistance (header and socket mated) 120 hours, insulation resistance min. 100m ?, contact resistance max. 60m ? 240 hours, insulation resistance min. 100m ?, contact resistance max. 50m ? bath temperature 40 2 c, humidity 90 to 95% r.h. saltwater spray resistance (header and socket mated) 24 hours, insulation resistance min. 100m ?, contact resistance max. 60m ? 48 hours, insulation resistance min. 100m ?, contact resistance max. 50m ? bath temperature 35 2 c, saltwarter concentration 5 1% h 2 s resistance (header and socket mated) 48 hours, contact resistance max. 60m ? 96 hours, contact resistance max. 50m ? bath temperature 40 2 c, gas concentration 3 1 ppm, humidity 75 to 80% r.h. so 2 resistance (header and socket mated) 48 hours, contact resistance max. 60m ? 96 hours, contact resistance max. 50m ? bath temperature 40 2 c, gas concentration 10 3 ppm, humidity 90 to 95% r.h. lifetime characteristics insertion and removal life 50 times 100 times repeated insertion and removal speed of max. 200 times/hours unit weight mated height 3mm 30 pin contacts; socket: 0.26g header: 0.26g 50 pin contacts; socket: 0.40g header: 0.44g pa rt name 3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm type 11.5mm type material surface treatment material surface treatment molded portion heat-resistant resin (ul94v-0) lcp resin (ul94v-0) bracket copper alloy cu plating on base, sn plating on surface contact copper alloy contact portion: ni plating on base, au plating on surface te r minal portion: ni plating on base, au plating on surface (except for thick of terminal) copper alloy contact portion: ni plating on base, au plating on surface te r minal portion: ni plating on base, au plating on surface (except for thick of terminal) order temperature ( c) time (minutes) 1 2 3 4 ?5 85 ?5 0 ?3 30 max. 5 30 max. 5 +3 0 0 ?3
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t dimensions (unit: mm) the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ mated height 3.0mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm type 1) soc ket dimension table (mm) no. of pins a b c d e f 12 7.40 4.00 6.30 6.30 4.00 0.10 14 8.20 4.80 7.10 7.10 4.80 16 9.00 5.60 7.90 7.90 5.60 20 10.60 7.20 9.50 9.50 7.20 22 11.40 8.00 10.30 10.30 8.00 24 12.20 8.80 11.10 11.10 8.80 26 13.00 9.60 11.90 11.90 9.60 30 14.60 11.20 13.50 13.50 11.20 34 16.20 12.80 15.10 15.10 12.80 40 18.60 15.20 17.50 17.50 15.20 50 23.40 19.20 21.50 21.50 19.20 0.15 60 27.40 23.20 25.50 25.50 23.20 64 29.00 24.80 27.10 27.10 24.80 80 35.40 31.20 33.50 33.50 31.20 100 43.40 39.20 41.50 41.50 39.20 mated height g 3.0mm, 4.0mm, 5.0mm common 2.20 3.5mm, 4.5mm, 5.5mm common 2.70 6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm common 5.20 general tolerance: 0.3 5.88 1.950.1 0.98 g 4.93 +0.2 ?.1 0.40 c0.1 0.80.05 dia. c1.0 a b0.15 0.800.1 0.800.1 0.350.1 te rm inal coplanarity f recommended pc board pattern (top view) d0.05 0.500.05 0.800.05 0.800.05 e0.05 3.320.1 min.6.38 1.950.1 2-0.9 dia. hole +0.1 0 cad data 2) header dimension table (mm) note: the 13 mm mated height (20 to 80 pin contacts) terminal ?tness is 0.1 mm. no. of pins a b c d e f 12 8.45 4.00 6.30 6.30 4.00 0.10 14 9.25 4.80 7.10 7.10 4.80 16 10.05 5.60 7.90 7.90 5.60 20 11.65 7.20 9.50 9.50 7.20 22 12.45 8.00 10.30 10.30 8.00 24 13.25 8.80 11.10 11.10 8.80 26 14.05 9.60 11.90 11.90 9.60 30 15.65 11.20 13.50 13.50 11.20 34 17.25 12.80 15.10 15.10 12.80 40 19.65 15.20 17.50 17.50 15.20 50 25.85 19.20 21.50 21.50 19.20 note) 0.15 60 29.85 23.20 25.50 25.50 23.20 64 31.45 24.80 27.10 27.10 24.80 80 37.85 31.20 33.50 33.50 31.20 100 45.85 39.20 41.50 41.50 39.20 mated height g 3.0mm, 3.5mm, 6.0mm common 2.72 4.0mm, 4.5mm, 7.0mm common 3.72 5.0mm, 5.5mm, 8.0mm common 4.72 13.0mm 10.14 14.0mm 11.14 general tolerance: 0.3 c0.1 a b0.15 c1.10 g 5.23 5.95 6.83 0.80.05 dia. +0.2 ?.1 0.40 0.800.1 0.800.1 0.350.1 1.950.1 te r minal coplanarity f recommended pc board pattern (top view) d0.05 e0.05 min.7.33 4.430.1 1.950.1 0.800.05 0.800.05 0.500.05 2-0.9 dia. hole +0.1 0 cad data
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t 3) socket and header are mated dimension table (mm) note: common for all mated heights. no. of pins a 12 8.45 14 9.25 16 10.05 20 11.65 22 12.45 24 13.25 26 14.05 30 15.65 34 17.25 40 19.65 50 25.85 60 29.85 64 31.45 80 37.85 100 45.85 mated height b 3.0mm 3.00 3.5mm 3.50 4.0mm 4.00 4.5mm 4.50 5.0mm 5.00 5.5mm 5.50 6.0mm 6.00 7.0mm 7.00 8.0mm 8.00 13.0mm 13.00 14.0mm 14.00 a b +0.3 ? 6.83 mated height 11.5mm type (socket and header) (30 pin contacts, 40 pin contacts, 50 pin contacts) dimension table (mm) no. of pins a b c d e f g h 30 18.90 15.30 14.00 18.90 11.20 14.00 11.20 19.50 40 22.90 19.30 18.00 22.90 15.20 18.00 15.20 23.50 50 26.90 23.30 22.00 26.90 19.20 22.00 19.20 27.50 general tolerance: 0.3 a b d x y e0.15 0.70 9.00 6.20 8.60 8.35 0.800.1 0.800.1 0.350.1 c0.15 1.1 0.1 dia. 0.80.1 dia. recommended pc board pattern (top view) f0.05 g0.05 h0.1 2.000.1 2.300.1 5.200.1 9.000.1 4.200.1 9.600.1 0.500.05 0.800.05 1.2 dia. hole +0.1 0 0.800.05 0.9 dia. hole +0.1 0 x-y cross section stacking mated diagram 0.15 terminal coplanarity 8.35 8.6 0.7 1.2 11.5 cad data
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t embossed tape dimensions (unit: mm, common for respective contact type, socket and header) mated height 11.5mm type (socket and header) (80 pin contacts, 100 pin contacts) dimension table (mm) no. of pins a b c d e f g h 80 39.70 36.10 34.80 39.70 32.00 34.80 32.00 40.30 100 47.70 44.10 42.80 47.70 40.00 42.80 40.00 48.30 general tolerance: 0.3 d a b y x e0.15 0.70 9.00 6.20 8.60 8.35 0.800.1 0.800.1 0.350.1 c0.15 1.10.1 dia. 0.80.1 dia. recommended pc board pattern (top view) h0.1 2.000.1 2.300.1 5.200.1 9.000.1 0.500.05 0.800.05 0.9 dia. hole 1.2 dia. hole f0.05 g0.05 9.600.1 4.200.1 0.800.05 +0.1 0 +0.1 0 note: center terminal is removed for 80 and 100 pin contact type x-y cross section stacking mated diagram 0.15 terminal coplanarity 8.35 8.6 0.7 1.2 11.5 cad data ?tape dimensions (conforming to jis c 0806:1990. however, some tapes have mounting hole pitches that do not comply with the standard.) tape i tape ii 1.75 c d a0.3 4 2 1.5 dia. +0.1 0 pull out direction 1.75 c d a0.3 4 2 pull out direction b 1.5 dia. +0.1 0 paper reel dimensions (conforming to jis c 0806-1990) f e +2 0 top cover tape emboss carrier tape label
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axn(1/3/4) acctb25e 201303-t dimension table (mm) (1) suf?: j (1 reel, 1,500 pieces embossed tape package) (2) suf?: p (1 reel, 1,000, 500, 350 and 250 pieces embossed tape package) connector orientation with respect to direction of progress of embossed tape notes mated height no. of pins type of taping a b c d e f quantity per reel socket: 3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm header: 3.0mm, 3.5mm, 6.0mm 12 to 32 tape i 24.00 11.50 12.00 24.40 370 dia. 1,500 pcs. 34 to 40 tape ii 32.00 28.40 14.20 12.00 32.40 370 dia. 50 to 60 tape ii 44.00 40.40 20.20 12.00 44.40 370 dia. 80 tape ii 56.00 52.40 26.20 12.00 56.40 370 dia. mated height no. of pins type of taping a b c d e f quantity per reel socket: 3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm header: 3.0mm, 3.5mm, 4.0mm, 4.5mm, 6.0mm, 7.0mm 12 to 32 tape i 24.00 11.50 12.00 24.40 330 dia. 1,000 pcs. 34 to 40 tape ii 32.00 28.40 14.20 12.00 32.40 330 dia. 50 to 60 tape ii 44.00 40.40 20.20 12.00 44.40 330 dia. 80 tape ii 56.00 52.40 26.20 12.00 56.40 330 dia. socket: 6.0mm, 7.0mm, 8.0mm, 13.0mm, 14.0mm header: 5.0mm, 5.5mm, 8.0mm 16 to 32 tape i 24.00 11.50 12.00 24.40 370 dia. 1,000 pcs. 34 to 40 tape ii 32.00 28.40 14.20 12.00 32.40 370 dia. 50 to 60 tape ii 44.00 40.40 20.20 12.00 44.40 370 dia. 80 tape ii 56.00 52.40 26.20 12.00 56.40 370 dia. 11.5mm 30 to 40 tape ii 32.00 28.40 14.20 24.00 32.40 370 dia. 350 pcs. 50 tape ii 44.00 40.40 20.20 24.00 44.40 370 dia. 350 pcs. 80 tape ii 56.00 52.40 26.20 24.00 56.40 370 dia. 250 pcs. header: 13.0mm 20 tape i 24.00 11.50 16.00 24.40 370 dia. 500 pcs. 30 tape i 24.00 11.50 16.00 24.40 370 dia. 500 pcs. 40 tape ii 32.00 28.40 14.20 16.00 32.40 370 dia. 500 pcs. 50 tape ii 44.00 40.40 20.20 16.00 44.40 370 dia. 500 pcs. 60 tape ii 44.00 40.40 20.20 16.00 44.40 370 dia. 500 pcs. 80 tape ii 56.00 52.40 26.20 16.00 56.40 370 dia. 500 pcs. header: 14.0mm 20 tape i 24.00 11.50 16.00 24.40 370 dia. 400 pcs. type direction of tape progress mated height: 3.0mm, 3.5mm, 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 7.0mm, 8.0mm, 13.0mm mated height 11.5mm so cket header socket and header are common this corner is oriented on the c side. this corner is oriented on the c side. note that types having a mated height of 11.5mm cannot be mated with products having other mated heights even though the shape of their socket headers is the same as the rated shape (position of the positioning boss and arrangement of mounting pads) is different. please refer to the latest product speci?ations when designing your product.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding the design of devices and pc board patterns regarding the selection of the connector placement machine and the mounting procedures notes on using narrow pitch connectors 1) when connecting several connectors together b y stacking, make sure to maintain proper accuracy in the design of structure and mounting equipment so that the connectors are not subjected to twisting and torsional forces. 2) with mounting equipment, there may be up to a 0.2 to 0.3-mm error in positioning. be sure to design pc boards and patterns while taking into consideration the performance and abilities of the required equipment. 3) some connectors have tabs embossed on the body to aid in positioning. when using these connectors, make sure that the pc board is designed with positioning holes to match these tabs. 4) to ensure the required mechanical strength when soldering the connector terminals, make sure the pc board meets recommended pc board pattern design dimensions given. 5) for all connectors of the narrow pitch series, to prevent the pc board from coming off during vibrations or impacts, and to prevent loads from falling directly on the soldered portions, be sure to design some means to ? the pc board in place. example) secure in place with screws when connecting pc boards, take appropriate measures to prevent the connector from coming off. 6) notes when using a fpc. (1) when the connector is soldered to an fpc board, during its insertion and removal procedures, forces may be applied to the terminals and cause the soldering to come off. it is recommended to use a reinforcement board on the backside of the fpc board to which the connector is being connected. please make the reinforcement board dimensions bigger than the outer limits of the recommended pc board pattern (should be approximately 1 mm greater than the outer limit). material should be glass epoxy or polyimide, and the thickness should be between 0.2 and 0.3 mm. (2) collisions, impacts, or turning of fpc boards, may apply forces on the connector and cause it to come loose. therefore, make to design retaining plates or screws that will ? the connector in place. 7) the narrow pitch connector series is designed to be compact and thin. although ease of handling has been taken into account, take care when mating the connectors, as displacement or angled mating could damage or deform the connector. connector spacer spacer pc board screw 1) select the placement machine taking into consider ation the connector height, required positioning accuracy, and packaging conditions. 2) be aware that if the catching force of the placement machine is too great, it may deform the shape of the connector body or connector terminals. 3) be aware that during mounting, external forces may be applied to the connector contact surfaces and terminals and cause deformations. 4) depending on the size of the connector being used, self alignment may not be possible. in such cases, be sure to carefully position the terminal with the pc board pattern. 5) the positioning bosses give an approximate alignment for positioning on the pc board. for accurate positioning of the connector when mounting it to the pc board, we recommend using an automatic positioning machine. 6) excessive mounter chucking force may deform the molded or metal part of the connector. consult us in advance if chucking is to be applied.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding soldering 1. re?w soldering 1) measure the recommended pro?e temperature for re?w soldering by placing a sensor on the pc board near the connector surface or terminals. (the setting for the sensor will differ depending on the sensor used, so be sure to carefully read the instructions that comes with it.) 2) as for cream solder printing, screen printing is recommended. 3) to determine the relationship between the screen opening area and the pc- board foot pattern area, refer to the diagrams in the recommended patterns for pc boards and metal masks. make sure to use the terminal tip as a reference position when setting. avoid an excessive amount of solder from being applied, otherwise, interference by the solder will cause an imperfect contact. 4) consult us when using a screen- printing thickness other than that recommended. 5) when mounting on both sides of the pc board and the connector is mounting on the underside, use adhesives or other means to ensure the connector is properly ?ed to the pc board. (double re?w soldering on the same side is possible.) 6) n 2 re?w, conducting re?w soldering in a nitrogen atmosphere, increases the solder ?w too greatly, enabling wicking to occur. make sure that the solder feed rate and temperature pro?e are appropriate. soldering conditions please use the re?w temperature pro?e conditions recommended below for re?w soldering. please contact us before using a temperature pro?e other than that described below (e.g. lead-free solder). narrow pitch connectors (except p8 type) narrow pitch connector (p8) for products other than the ones above, please refer to the latest product speci?ations. 7) the temperatures are measured at the surface of the pc board near the connector terminals. (the setting for the sensor will differ depending on the sensor used, so be sure to carefully read the instructions that comes with it.) 8) the temperature pro?es given in this catalog are values measured when using the connector on a resin-based pc board. when performed re?w soldering on a metal board (iron, aluminum, etc.) or a metal table to mount on a fpc, make sure there is no deformation or discoloration of the connector beforehand and then begin mounting. 9) consult us when using a screen- printing thickness other than that recommended. 10) some solder and ?x types may cause serious solder or ?x creeping. solder and ?x characteristics should be taken into consideration when setting the re?w soldering conditions. 2. hand soldering 1) set the soldering iron so that the tip temperature is less than that given in the table below. ta b le a 2) do not allow ?x to spread onto the connector leads or pc board. this may lead to ?x rising up to the connector inside. 3) touch the soldering iron to the foot pattern. after the foot pattern and connector terminal are heated, apply the solder wire so it melts at the end of the connector terminals. 4) be aware that soldering while applying a load on the connector terminals may cause improper operation of the connector. 5) thoroughly clean the soldering iron. 6) flux from the solder wire may get on the contact surfaces during soldering operations. after soldering, carefully check the contact surfaces and clean off any solder before use. 7) for soldering of prototype devices during product development, you can perform soldering at the necessary locations by heating with a hot-air gun by applying cream solder to the foot pattern beforehand. however, at this time, make sure that the air pressure does not move connectors by carefully holding them down with tweezers or other similar tool. also, be careful not to go too close to the connectors and melt any of the molded components. 8) if an excessive amount of solder is applied during manual soldering, the solder may creep up near the contact points, or solder interference may cause imperfect contact. 3. solder reworking 1) finish reworking in one operation. 2) for reworking of the solder bridge, use a soldering iron with a ?t tip. to prevent ?x from climbing up to the contact surfaces, do not add more ?x. 3) keep the soldering iron tip temperature below the temperature given in table a. te rm inal paste solder pc board foot pattern 60 to 120 sec. preheating peak temperature 200c 220c upper limited (solder heat resistance) peak temperature 260 c 230c 180c 150c 70 sec. 25 sec. lower limited (solder wettability) time temperature 60 to 120 sec. preheating time temperature peak temperature 200c 155 to 165c 245c max. within 30 sec. product name soldering iron temperature smd type connectors 300c within 5 sec. 350c within 3 sec. apply the solder wire here terminal pattern pc board small angle as possible up to 45 degrees soldering iron
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t handling single components storage of connectors other notes 1) make sure not to drop or allow parts to fall from w ork bench 2) excessive force applied to the terminals could cause warping, come out, or weaken the adhesive strength of the solder. handle with care. 3) repeated bending of the terminals may cause terminals to break. 4) do not insert or remove the connector when it is not soldered. forcibly applied external pressure on the terminals can w eaken the adherence of the terminals to the molded part or cause the terminals to lose their evenness. 5) excessive prying-force applied to one end may cause product breakage and separation of the solder joints at the terminal. excessive force applied for insertion in a pivot action as shown may also cause product breakage. align the header and socket positions before connecting them. cleaning ?x from pc board 1) to increase the cleanliness of the cleaning ?id and cleaning oper ations, prepare equipment for cleaning process beginning with boil cleaning, ultrasonic cleaning, and then vapor cleaning. 2) carefully oversee the cleanliness of the cleaning ?ids to make sure that the contact surfaces do not become dirty from the cleaning ?id itself. 3) since some powerful cleaning solutions may dissolve molded components of the connector and wipe off or discolor printed letters, we recommend aqua pura electronic parts cleaners. please consult us if you wish to use other types of cleaning ?ids. 4) please note that the surfaces of molded parts may whiten when cleaned with alcohol. handling the pc board handling the pc board after mounting the connector when cutting or bending the pc board after mounting the connector , be careful that the soldered sections are subjected to excessive force. the soldered areas should not be subjected to force. 1) to prevent problems from voids or air poc kets due to heat of re?w soldering, av oid storing the connectors in areas of high humidity. when storing the connectors for more than six months, be sure to consider storage area where the humidity is properly controlled. 2) depending on the connector type, the color of the connector may vary from connector to connector depending on when it is produced. some connectors may change color slightly if subjected to ultraviolet rays during storage. this is normal and will not affect the operation of the connector. 3) when storing the connectors with the pc boards assembled and components alreeady set, be careful not to stack them up so the connectors are subjected to excessive forces. 4) avoid storing the connectors in locations with excessive dust. the dust may accumulate and cause improper connections at the contact surfaces. 1) these products are made for the design of compact and lightweight devices and therefore the thickness of the molded components has been made very thin. therefore, be careful during insertion and removal operations for excessive forces applied may damage the products. 2) dropping of the products or rough mishandling may bend or damage the terminals and possibly hinder proper re?w soldering. 3) before soldering, try not to insert or remove the connector more than absolutely necessary. 4) when coating the pc board after soldering the connector to prevent the deterioration of insulation, perform the coating in such a way so that the coating does not get on the connector. 5) there may be variations in the colors of products from different production lots. this is normal. 6) the connectors are not meant to be used for switching. 7) be sure not to allow external pressure to act on connectors when assembling pcbs or moving in block assemblies.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding sample orders to con?m proper mounting when ordering samples to con?m proper mounting with the placement machine, connectors are delivered in 50- piece units in the condition given right. consult a sale representative for ordering sample units. condition when delivered from manufacturing required number of products for sample production (unit 50 pcs.) embossed tape amount required for the mounting reel (delivery can also be made on a reel by customer request.) please refer to the latest product speci?ations when designing your product.


▲Up To Search▲   

 
Price & Availability of AXN424530S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X